Part Number Hot Search : 
D75312GF PBH14022 X27C1 NQ03LT ST2SC 1602C L6228D BD139
Product Description
Full Text Search
 

To Download 6-132-074500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH PERFORMANCE PRESSURE SENSOR
MODEL 6-13
WWW.VSENSORS.COM The Model 6-13 is uniquely designed for use in a broad variety of applications where accurate, reliable, high performance pressure measurement is required. The Model 6-13 utilizes a micro-machined silicon pressure sensor that is isolated for all media by a 316L stainless steel diaphragm and high performance digital temperature compensation ASIC. This translates into excellent linearity, increased long-term stability & reliability. Micro-machined silicon pressure sensors provide accuracies down to 0.20% with effectively no hysterisis and a long-term drift of less that 0.15% FSO for one (1) year & proof pressures greater than 3X the rated pressure. All Model 6-13 configurations have extremely robust EMI/RFI protection. The Model 6-13 will not shift, drift, or fail in an EMI/RFI environment of greater than 10 volts/meter up to 1.0GHz. The Model 6-13 is hermetically sealed by welding & conforms to NEMA 4 & 4X enclosure requirements. (Except for vented gage configurations.)
Wide Choice of Pressure Ranges & Fittings Highly Corrosion Resistant Exceptional Long-term Stability
FOR ACTUAL DIMENSIONS SEE OUTLINE DRAWING .75 [19.05] HEX ACROSS FLATS (O.75 [19.05])
(.25 [6.35]) (1.49 [37.85]) (1.74 [44.20])
CONNECTOR
TYPICAL OVERALL DIMENSIONS INCHES [mm]
* * * *
Process Control Systems Natural Gas Production Liquid Level Measurement Gas Compressors
* * * *
Chemical Processing Systems Wastewater Treatment Chemical Processing Systems Pulp & Paper Processing
-- An Electromotive Solutions Company -
2800 ANVIL STREET NORTH ST. PETERSBURG, FL 33710 USA PHONE: (727) 347-2181 Fax: (727) 347-7520
MODEL 6-13
HIGH PERFORMANCE PRESSURE TRANSDUCER
Ordering Information
Product Specifications
Performance Output Signal Accuracy L, R & H Zero Offset Long-term Stability Compensated Temperature Temperature Effect Operating Input Power Insulation Resistance Reverse Polarity Proof Pressure Burst Pressure Weight Environmental Max Operating Temperature EMI/RFI Wetted Parts Vibration Shock Enclosure Life -40C to 125C (-40F to 257F) 10volts/meter up to 1.0GHz 316L SST 15 G's, 10-2000Hz 100 G's for 11ms, Half-sine NEMA 4 & 4X 100 MM Full Scale Cycles 8 - 30 VDC (@ 25mA Max) 100 megohms @ 50 VDC Protected 150% of Rated Range 200% of Rated Range 72g (2.5oz) 4 - 20mADC 0.35%FSO (BFSL) 1.0%FSO 0.50%FSO/Year 0C to 85C (32F to 185F) Zero: 2.0% FSO Span: 2.0% FSO Instrument Family
6 - 13 X - XX X X - XX
6 = Micro-machined Silicon Sensor Type 13 = Pressure Transmitter Reference Pressure 0 = Absolute 1 = Vented Gage 2 = Sealed Gage Pressure Ranges ** 00 = 3 PSI # 01 = 5 PSI # 02 = 15 PSI #
03 = 20 PSI # 04 = 25 PSI # 05 = 30 PSI # 06 = 50 PSI # 07 = 60 PSI # 08 = 100 PSI # 09 = 150 PSI # 10 = 200 PSI # 11 = 250 PSI # 12 = 300 PSI # 13 = 500 PSI * 14 = 1000 PSI * 15 = 1500 PSI * * Sealed Gage Only 16 = 2000 PSI * 17 = 3000 PSI * 18 = 5000 PSI * 19 = 6000 PSI * 20 = 7500PSI * 21 = 10, 000 PSI *
# Absolute & Vented Gage
** Calibration in bars available, consult factory for details
Pressure Fittings
0 = MS33656-E4 Male 1 = 7/16-20 Straight, Male 2 = 1/4-18 NPT, Male 3 = 1/8-27 NPT, Male 4 = 1/4-18 NPT, Female 5 = 9/16-18 Straight, Male Flush Diaphragm
Electrical Connections
0 = PT1H-10-6P 1 = 3-Wire Cable 2 = PT1H-8-4P 3 = 5-Wire Shielded 4 = DIN43650 Form C 5 = Hirschmann ELST 412
Custom Configurations 00 = No Custom Requirements
An Electromotive Solutions Company
ISO 9001:2000 & AS9100:2004 Certified 2800 ANVIL STREET NORTH ST. PETERSBURG, FL 33710 USA Fax: (727) 347-7520 Email: sales@vsensors.com PHONE: (727) 347-2181 WWW.VSENSORS.COM


▲Up To Search▲   

 
Price & Availability of 6-132-074500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X